PART |
Description |
Maker |
M87C257 M87C257-10 M87C257-10C1TR M87C257-10C1X M8 |
ADDRESS LATCHED 256K (32K x 8) UV EPROM and OTP EPROM From old datasheet system SWITCH LEVER SPDT 1A SOLDER TERM Aluminum Electrolytic Capacitor; Capacitor Type:High Voltage; Voltage Rating:400VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-20 C to 105 C; Capacitance:33uF; Capacitance Tolerance: /- 20% RoHS Compliant: Yes TW Series Toggle Switch, 2 pole, 3 position, H58 terminal, Locking Lever ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Straight Lever Actuator, Solder Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Straight Lever Actuator, Quick Connect Termination 地址锁存256K 32K的8紫外线EPROM和检察官办公室存储器 ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
SA45A SA40A SA150A SA20A SA30 SA100 SA24 SA48 SA33 |
500 Watt Peak Power MiniMOSORB Zener Transient Voltage Suppressors 4AV Series Hall-Effect Vane with 24 AWG irradiated polyethelene 334 mm [13.15 in] lead wires HS Series Hermetically Sealed Basic Switch, Single Pole Double Throw Circuitry, 0.5 A at 125 Vac, Integral Lever Actuator, Leadwire Termination 510 Series Encoder, Mechanical 4 pulse/rev/channel 2-bit Gray code 瞬态电压抑制器
|
ON Semiconductor EIC Semiconductor, Inc. EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited EIC discrete Semiconduc...
|
Q62703-Q3860 LSM776 LSM776-MQ LSM776-N LSM776-NR L |
Hyper Mini TOPLED RG Hyper-Bright LED 超迷你TOPLEDRG超高亮LED Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, ORANGE, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, AMBER, 1.4 mm Hyper Mini TOPLED RG Hyper-Bright LED SINGLE COLOR LED, SUPER RED, 1.4 mm SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Solder Termination SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 125 Vac, 1 A, Pin Plunger Actuator, Quick Connect Termination
|
SIEMENS AG Siemens Group SIEMENS[Siemens Semiconductor Group]
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AME1117CCCT AME1117DCCT AME1117BCGT AME1117ACCT AM |
1A Low Dropout Positive Voltage Regulator 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Analog Microelectronics Kingbright, Corp. AME, Inc.
|
AS7C31024A-10JI AS7C31024A-10STC AS7C31024A-10STI |
4-Bit Synchronous Binary Counters 16-VQFN -40 to 85 4-Bit Synchronous Binary Counters 16-TSSOP -40 to 85 128 x 64 pixel format, LED or EL Backlight available 8-Bit Parallel-Out Serial Shift Registers 14-SOIC -40 to 85 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 15 ns, PDSO32 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 10 ns, PDSO32 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout) 128K X 8 STANDARD SRAM, 12 ns, PDSO32 Replaced by SN74LV164A : 8-Bit Parallel-Out Serial Shift Register 14-SOIC -40 to 85 128K X 8 STANDARD SRAM, 20 ns, PDSO32 RES, SMD, 4.22K OHM, 1%, 1/10W, RMF BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz -13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, U
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
RZ1040 RZ1065 RZ1150 RZ1175 RZ1200 EZ0150 RZ1030 R |
Avalanche Diodes with built-in Thyristor 150 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE ZM Series, Subminiature Basic Switch, SPDT, 125 Vac/30 Vdc, 0.1 A, Pin Plunger Actuator, Quick Connect Termination YZ Series Standard Basic Switch, Single Pole Normally Open Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Gold Contacts, Quick Connect Termination Silver Contacts, Screw Termination, CE, CSA, SEMKO 100 V, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd. SANKEN ELECTRIC CO LTD
|
Y08JS-90B Y08JS Y08JS-145A Y08JS-145B Y08JS-230A Y |
From old datasheet system Y08JS SERIES TI-SERIES TIPPETTE ROCKER SWITCH, DOUBLE POLE
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
74802 GS1117CE GS1117CE-2.5 GS1117CE-2.85 GS1117CE |
800mA Low Dropout Positive Adjustable Regulator 800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250, Pin Plunger Actuator, 6,12 N - 7,78 N [22 oz - 28 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
HD74AC245 HD74ACT245 HD74AC245FP HD74AC245RP HD74A |
Octal Bidirectional Transceiver with 3-State Input/Output BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|SOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AC-CMOS|TSSOP|20PIN|PLASTIC BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Pin Plunger Actuator, Solder Termination, Silver Contacts, UL, CSA, ENEC 总线收发器|单| 8位|行为的CMOS | TSSOP封装| 20针|塑料
|
Hitachi Semiconductor Renesas Electronics, Corp.
|
|